Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS201ATEL Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD151TS201ATEL
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201ATEL Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD151TS201ATEL Datasheet HTML 17Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 18Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 19Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 20Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 21Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 22Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 23Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 24Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 21 of 28
DC Electrical Characteristics CPUT/C Clock
Ta = 0°C to 85°C
Item
Symbol
Min
Typ *
1
Max
Unit
Test Conditions
Output voltage
VO
0.695
1.2
V
Rp = 49.9, VDD = 3.3 V
Output Current
IO
I(nom)
mA
VDD = 3.3 V *
2
Output resistance
3000

Ω
VO = 1.2 V
Note:
1. For conditions shown as Min or Max, use the appropriate value specified under recommended
operating conditions
2
I(nom) is output current(Ioh) shown in Page5 Table3.
AC Electrical Characteristics CPUT/C Clock (CPU at 0.7V Timing)
Ta = 0°C to 85°C, VDD = 3.3 V, CL = 2 pF, Rs = 33.2
Ω, Rp = 49.9 Ω
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Cycle to cycle jitter*
1
tCCS
|150|
ps
CPU Group Skew
(CPU clock out to CPU
clock out)
tskS
|100|
ps
Rise time
tr
175
700
ps
VO = 0.175 V to 0.525 V
Fall time
tf
175
700
ps
VO = 0.175 V to 0.525 V
Clock Duty Cycle
45
50
55
%
CPU clock period (66)
15.075
ns
CPU clock period (100)
10.25
ns
CPU clock period (133)
7.5
ns
CPU clock period (200)
4.975
ns
Note:
1.Difference of cycle time between two adjoining cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com