Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK2006DPF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK2006DPF
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2006DPF Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK2006DPF Datasheet HTML 1Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 2Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 3Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 4Page - Renesas Technology Corp RJK2006DPF Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RJK2006DPJ, RJK2006DPE, RJK2006DPF
Rev.1.00, Jan.14.2005, page 2 of 4
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to Source breakdown voltage
V(BR)DSS
200
—
—
V
ID = 10 mA, VGS = 0
Zero Gate voltage drain current
IDSS
—
—
1
µA
VDS = 200 V, VGS = 0
Gate to Source leak current
IGSS
—
—
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to Source cutoff voltage
VGS(off)
3.0
—
4.5
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
15
26
—
S
ID = 20 A, VDS = 10 V
Note4
Static Drain to Source on state
resistance
RDS(on)
—
0.052
0.059
Ω
ID = 20 A, VGS = 10 V
Note4
Input capacitance
Ciss
—
1800
—
pF
Output capacitance
Coss
—
330
—
pF
Reverse transfer capacitance
Crss
—
43
—
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
—
30
—
ns
Rise time
tr
—
180
—
ns
Turn-off delay time
td(off)
—
85
—
ns
Fall time
tf
—
100
—
ns
ID = 20 A
VGS = 10 V
RL = 5
Ω
Rg = 10
Ω
Total Gate charge
Qg
—
43
—
nC
Gate to Source charge
Qgs
—
11
—
nC
Gate to Drain charge
Qgd
—
20
—
nC
VDD = 160 V
VGS = 10 V
ID = 40 A
Body-Drain diode forward voltage
VDF
—
1.0
1.5
V
IF = 40 A, VGS = 0
Note4
Body-Drain diode reverse recovery time
trr
—
150
—
ns
Body-Drain diode reverse recovery
charge
Qrr
—
0.8
—
µC
IF = 40 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com