Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49335HNP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD49335HNP
Description  CDS/PGA & 10-bit A/D TG Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335HNP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD49335HNP Datasheet HTML 13Page - Renesas Technology Corp HD49335HNP Datasheet HTML 14Page - Renesas Technology Corp HD49335HNP Datasheet HTML 15Page - Renesas Technology Corp HD49335HNP Datasheet HTML 16Page - Renesas Technology Corp HD49335HNP Datasheet HTML 17Page - Renesas Technology Corp HD49335HNP Datasheet HTML 18Page - Renesas Technology Corp HD49335HNP Datasheet HTML 19Page - Renesas Technology Corp HD49335HNP Datasheet HTML 20Page - Renesas Technology Corp HD49335HNP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 17 of 29
Serial Interface Specifications
Timing Specifications
SDATA
STD2(Upper data)
STD1(Lower data)
address(address)
SCK
CS
fSCK
D9
D8
D11
D10
D13
D12
D15
D14
D1
D0
D3
D2
D5
D4
D7
D6
D0
D2
D1
D4
D3
D6
D5
D7
tINT1
tINT2
tsu
tho
Latches SDATA
at SCK rising edge
Data is determined
at CS rising edge
Figure 8 Serial Interface Timing Specifications
Item
Min
Max
fSCK
—
5 MHz
tINT1,2
50 ns
—
tsu
50 ns
—
tho
50 ns
—
Notes: 1. 3 byte continuous communications.
2. Input SCK with 24 clock when CS is Low.
3. It becomes invalid when data communications are stopped on the way.
4. Data becomes a default with hardware reset.
5. Input more than double frequency of SCK to the CLK_in when transfer
the serial data.
The Kind of Data
Data address has 256 type. H’00 to H’FF
H’00
:
:
H’EF
Data at timing generator part
H’F0
:
:
H’FF
Data at CDS part
Address map of each data referred to other sheet.
Details of timing generator refer to the timing chart on the other sheet together with this specification.
This specification only explains about the data of CDS part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com