Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH112A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH112A
Description  HIGH VOLTAGE ULTRAFAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112A Datasheet(HTML) 2 Page - STMicroelectronics

  STTH112A Datasheet HTML 1Page - STMicroelectronics STTH112A Datasheet HTML 2Page - STMicroelectronics STTH112A Datasheet HTML 3Page - STMicroelectronics STTH112A Datasheet HTML 4Page - STMicroelectronics STTH112A Datasheet HTML 5Page - STMicroelectronics STTH112A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STTH112/A/U
2/6
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
VR = 1200V
Tj = 25°C
5
µA
Tj = 125°C
50
VF
Forward voltage drop
IF = 1 A
Tj = 25°C
1.9
V
Tj = 125°C
1.17
1.65
To evaluate the maximum conduction losses use the following equation :
P=1.35xIF(AV) +0.3xIF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead
L = 10 mm
DO-41
45
°C/W
SMA
30
SMB
25
Rth (j-a)
Junction to ambient
L = 10 mm
DO-41
110
THERMAL PARAMETERS
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 0.5 A
Irr = 0.25 A IR =1A
Tj = 25°C
75
ns
tfr
Forward recovery time
IF =1A
dIF/dt = 50 A/µs
VFR =1.1xVFmax
Tj = 25°C
500
ns
VFP
Forward recovery voltage
30
V
DYNAMIC ELECTRICAL CHARACTERISTICS
P(W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
δ = 1
δ = 0.05
δ = 0.5
δ = 0.2
δ = 0.1
I
(A)
F(AV)
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
V
(V)
FM
Fig. 2: Forward voltage drop versus forward
current
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com