Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404328 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD404328
Description  microcomputer designed to increase program productivity
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404328 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD404328 Datasheet HTML 17Page - Renesas Technology Corp HD404328 Datasheet HTML 18Page - Renesas Technology Corp HD404328 Datasheet HTML 19Page - Renesas Technology Corp HD404328 Datasheet HTML 20Page - Renesas Technology Corp HD404328 Datasheet HTML 21Page - Renesas Technology Corp HD404328 Datasheet HTML 22Page - Renesas Technology Corp HD404328 Datasheet HTML 23Page - Renesas Technology Corp HD404328 Datasheet HTML 24Page - Renesas Technology Corp HD404328 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
HD404328 Series
19
Table 2
Vector Addresses and Interrupt Priorities
Reset/Interrupt
Priority
Vector Address
RESET
—
$0000
INT
0
1
$0002
INT
1
2
$0004
Timer A
3
$0006
Timer B
4
$0008
Timer C
5
$000A
ZCD
6
$000C
A/D, Serial
7
$000E
Table 3
Interrupt Processing and Activation Conditions
Interrupt Cause
Interrupt
Control Bit
INT
0
INT
1
Timer A
Timer B
Timer C
ZCD
A/D, Serial
IE
1
1
1
1
1
1
1
IF0
.IM0
10
0
0
0
0
0
IF1
.IM1
*
10
0
0
0
0
IFTA
.IMTA
**
10
0
0
0
IFTB
.IMTB
**
*
10
0
0
IFTC
.IMTC
**
*
*
10
0
IFZC
.IMZC
**
*
*
*
10
IFAD
.IMAD +
IFS
.IMS
**
*
*
*
*
1
Note:
Bits marked * can be either 0 or 1. Their values have no effect on operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com