Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404339 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD404339
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404339 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD404339 Datasheet HTML 9Page - Renesas Technology Corp HD404339 Datasheet HTML 10Page - Renesas Technology Corp HD404339 Datasheet HTML 11Page - Renesas Technology Corp HD404339 Datasheet HTML 12Page - Renesas Technology Corp HD404339 Datasheet HTML 13Page - Renesas Technology Corp HD404339 Datasheet HTML 14Page - Renesas Technology Corp HD404339 Datasheet HTML 15Page - Renesas Technology Corp HD404339 Datasheet HTML 16Page - Renesas Technology Corp HD404339 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
HD404339 Series
11
Table 1
Initial Values of Flags after MCU Reset
Item
Initial Value
Interrupt flags/mask
Interrupt enable flag (IE)
0
Interrupt request flag (IF)
0
Interrupt mask (IM)
1
Bit registers
Watchdog timer on flag (WDON)
0
A/D start flag (ADSF)
0
Input capture status flag (ICSF)
0
Input capture error flag (ICEF)
0
I
AD off flag (IAOF)
0
RAM enable flag (RAME)
0
Low speed on flag (LSON)
0
Direct transfer on flag (DTON)
0
Bit 3
Bit 2
Bit 1
Bit 0
IMTA
(IM of timer A)
IFTA
(IF of timer A)
IM1
(IM of
INT1)
IF1
(IF of
INT1)
IMTC
(IM of timer C)
IFTC
(IF of timer C)
IMTB
(IM of timer B)
IFTB
(IF of timer B)
IMS
(IM of serial)
IFS
(IF of serial)
IMAD
(IM of A/D)
IFAD
(IF of A/D)
$0000
$0001
$0002
$0003
IM0
(IM of
INT0)
IF0
(IF of
INT0)
RSP
(Reset SP bit)
IE
(Interrupt
enable flag)
ICSF
(Input capture
status flag)
$020
$021
$022
$023
DTON
(Direct transfer
on flag)
ADSF
(A/D start flag)
WDON
(Watchdog
on flag)
LSON
(Low speed
on flag)
ICEF
(Input capture
error flag)
RAME
(RAM enable
flag)
IF: Interrupt
request flag
IM: Interrupt
mask
IE: Interrupt
enable flag
SP: Stack pointer
Bit 3
Bit 2
Bit 1
Bit 0
RAM Address
IAOF
(IAD off flag)
Not used
Interrupt control bits area
Register flag area
Figure 3 Interrupt Control Bits and Register Flag Areas Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com