Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404449 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD404449
Description  microcomputer has four timers, two serial interfaces, A/D converter,
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404449 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD404449 Datasheet HTML 9Page - Renesas Technology Corp HD404449 Datasheet HTML 10Page - Renesas Technology Corp HD404449 Datasheet HTML 11Page - Renesas Technology Corp HD404449 Datasheet HTML 12Page - Renesas Technology Corp HD404449 Datasheet HTML 13Page - Renesas Technology Corp HD404449 Datasheet HTML 14Page - Renesas Technology Corp HD404449 Datasheet HTML 15Page - Renesas Technology Corp HD404449 Datasheet HTML 16Page - Renesas Technology Corp HD404449 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
HD404449 Series
11
$000
$003
PMRA $004
SM1A $005
SR1L $006
SR1U $007
TMA $008
TMB1 $009
TRBL/TWBL $00A
TRBU/TWBU $00B
MIS $00C
TMC1 $00D
TRCL/TWCL $00E
TRCU/TWCU $00F
TMD1 $010
TRDL/TWDL $011
TRDU/TWDU $012
TMB2 $013
TMC2 $014
TMD2 $015
AMR $016
ADRL $017
ADRU $018
SM2A $01B
SM2B $01C
SR2L $01D
SR2U $01E
$020
$023
PMRB $024
PMRC $025
ESR1 $026
ESR2 $027
SM1B $028
SSR $029
DCD0 $02C
DCD1 $02D
DCD2 $02E
DCR0 $030
DCR1 $031
DCR2 $032
DCR3 $033
DCR4 $034
DCR5 $035
DCR6 $036
DCR7 $037
DCR8 $038
DCR9 $039
DCRA $03A
DCRB $03B
DCRC $03C
V $03F
Bit 3
Bit 2
Bit 1
Interrupt control bits area
R52/SI2
R53/SO2
R43/SO1
R42/SI1
Serial transmit clock speed selection 1
Serial data register 1 (lower digit)
Serial data register 1 (upper digit)
*1
*2
Clock source selection (timer A)
Clock source selection (timer B)
Timer B register (lower digit)
Timer B register (upper digit)
*3
R43/SO1 PMOS control
Interrupt frame period selection
*2
Clock source selection (timer C)
Timer C register (lower digit)
Timer C register (upper digit)
*2
Clock source selection (timer D)
Timer D register (lower digit)
Timer D register (upper digit)
Not used
Not used
Timer-B output mode selection
Not used
Timer-C output mode selection
Timer-D output mode selection
*4
Not used
*5
Analog channel selection
A/D data register (lower digit)
A/D data register (upper digit)
R51/SCK2
Serial transmit clock speed selection 2
Register flag area
Not used
INT3 detection edge selection
INT2 detection edge selection
EVND detection edge selection
Not used
Not used
*8
*9
*10
*11
Not used
Port D3 DCR
Port D2 DCR
Port D1 DCR
Port D0 DCR
Port D7 DCR
Port D6 DCR
Port D5 DCR
Port D4 DCR
Port D11 DCR
Port D10 DCR
Port D9 DCR
Port D8 DCR
Not used
Port R03 DCR
Port R13 DCR
Port R23 DCR
Port R33 DCR
Port R43 DCR
Port R53 DCR
Port R63 DCR
Port R73 DCR
Not used
Not used
Not used
R02/INT3
R01/INT2
R00/INT1
D13/INT0
D12/STOPC
R40/EVND
R33/EVNB
R41/SCK1
Bit 0
Not used
Not used
R53/SO2 PMOS control
*6
*7
Serial data register 2 (lower digit)
Serial data register 2 (upper digit)
Not used
Not used
*12
Not used
Port R83 DCR
Port R93 DCR
Port RA3 DCR
Port RB3 DCR
Port RC3 DCR
Port R02 DCR
Port R12 DCR
Port R22 DCR
Port R32 DCR
Port R42 DCR
Port R52 DCR
Port R62 DCR
Port R72 DCR
Port R82 DCR
Port R92 DCR
Port RA2 DCR
Port RB2 DCR
Port RC2 DCR
Port R01 DCR
Port R11 DCR
Port R21 DCR
Port R31 DCR
Port R41 DCR
Port R51 DCR
Port R61 DCR
Port R71 DCR
Port R81 DCR
Port R91 DCR
Port RA1 DCR
Port RB1 DCR
Port RC1 DCR
Port R00 DCR
Port R10 DCR
Port R20 DCR
Port R30 DCR
Port R40 DCR
Port R50 DCR
Port R60 DCR
Port R70 DCR
Port R80 DCR
Port R90 DCR
Port RA0 DCR
Port RB0 DCR
Port RC0 DCR
Notes:
1.
Timer-A/time-base
2.
Auto-reload on/off
3.
Pull-up MOS control
4.
Input capture selection
5.
A/D conversion time
6.
SO2 ouput control in idle states
7.
Serial clock source selection 2
8.
SO1 output level control in idle states
9.
Serial clock source selection 1
10. 32-kHz oscillation stop
11. 32-kHz oscillation division ratio
12. System clock selection
13. Bank 0, 1 selection
Not used
*13
Figure 5 Special Function Register Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com