Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404082 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD404082
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404082 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD404082 Datasheet HTML 1Page - Renesas Technology Corp HD404082 Datasheet HTML 2Page - Renesas Technology Corp HD404082 Datasheet HTML 3Page - Renesas Technology Corp HD404082 Datasheet HTML 4Page - Renesas Technology Corp HD404082 Datasheet HTML 5Page - Renesas Technology Corp HD404082 Datasheet HTML 6Page - Renesas Technology Corp HD404082 Datasheet HTML 7Page - Renesas Technology Corp HD404082 Datasheet HTML 8Page - Renesas Technology Corp HD404082 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 2 of 161
• On-chip oscillators
 HD404374 Series
• Main clock (ceramic resonator, crystal resonator, CR oscillation* or external clock operation
possible)
• Sub-clock (32.768 kHz crystal resonator)
 HD404384, HD404389, HD404082, and HD404084 Series
• Main clock (ceramic resonator, crystal resonator, CR oscillation* or external clock operation
possible)
Note: * CR oscillation in an optional function.
• Interrupts
External: 2 (including one edge-programmable)
Internal : 5 (HD404374/HD404384/HD404389 Series)
: 4 (HD404082/HD404084 Series)
• Subroutine stack up to 16 levels, including interrupts
• Low-power dissipation modes
 HD404374 Series: 4
 HD404384, HD404389, HD404082, and HD404084 Series:
2
• Module standby (timers, serial interface, A/D converter)
• System clock division software switching (1/4 or 1/32)
• Inputs for return from stop mode (wakeup): 1
• Instruction execution time
Min. 0.89 µs (f
OSC = 4.5 MHz, division by 1/4)
Min. 0.47 µs (f
OSC = 8.5 MHz, division by 1/4)
• Operation voltage
1.8 V to 5.5 V
2.0 V to 5.5 V (ZTAT
TM)
Cautions about operation!
• Electrical properties presented on the data sheet for the mask ROM and ZTATTM versions will surely
and sufficiently satisfy the standard values. However, real capabilities, operation margin, noise margin,
and other properties may vary depending on differences of manufacturing processes, internal wiring
patterns, etc. Therefore, it is requested for users to carry out an evaluation test for each product on an
actual system under the same conditions to see its operation.
• After power supply has been connected, the values for the memory register, data and stack areas will be
undefined. Initialize prior to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com