Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404338FS Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD404338FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404338FS Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD404338FS Datasheet HTML 55Page - Renesas Technology Corp HD404338FS Datasheet HTML 56Page - Renesas Technology Corp HD404338FS Datasheet HTML 57Page - Renesas Technology Corp HD404338FS Datasheet HTML 58Page - Renesas Technology Corp HD404338FS Datasheet HTML 59Page - Renesas Technology Corp HD404338FS Datasheet HTML 60Page - Renesas Technology Corp HD404338FS Datasheet HTML 61Page - Renesas Technology Corp HD404338FS Datasheet HTML 62Page - Renesas Technology Corp HD404338FS Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
HD404339 Series
57
A/D Converter
The MCU also contains a built-in A/D converter that uses a sequential comparison method with a
resistance ladder. It can perform digital conversion of twelve analog inputs with 8-bit resolution. The
following describes the A/D converter.
• A/D mode register 1 (AMR1: $019) is used to select digital or analog ports
• A/D mode register 2 (AMR2: $01A) is used to set the A/D conversion speed and to select digital or
analog ports
• The A/D channel register (ACR: $016) is used to select an analog input channel
• A/D conversion is started by setting the A/D start flag (ADSF: $020, 2) to 1. After the conversion is
completed, converted data is stored in the A/D data register, and at the same time the A/D start flag is
cleared to 0.
• By setting the I
AD off flag (IAOF: $021, 2) to 1, the current flowing through the resistance ladder can be
cut off even while operating in standby or active mode
• The A/D data register is a read-only register consisting of a lower 4 bits and upper 4 bits (ADRL: $017,
ADRU: $018). This register is not cleared by a reset. Data reads during A/D conversion are not
guaranteed. After A/D conversion ends, the resultant 8-bit data is set in this register and held until the
start of the next conversion (figures 51 to 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com