Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404328FS Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD404328FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404328FS Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD404328FS Datasheet HTML 35Page - Renesas Technology Corp HD404328FS Datasheet HTML 36Page - Renesas Technology Corp HD404328FS Datasheet HTML 37Page - Renesas Technology Corp HD404328FS Datasheet HTML 38Page - Renesas Technology Corp HD404328FS Datasheet HTML 39Page - Renesas Technology Corp HD404328FS Datasheet HTML 40Page - Renesas Technology Corp HD404328FS Datasheet HTML 41Page - Renesas Technology Corp HD404328FS Datasheet HTML 42Page - Renesas Technology Corp HD404328FS Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
HD404054 Series/HD404094 Series
37
The on/off statuses of the output buffers are controlled by D-port data control registers (DCD0–DCD2:
$02C–$02E) that are mapped to memory addresses (figure 20).
Pins D
12 and D 13 are multiplexed with peripheral function pins STOPC and INT0, respectively.
The
peripheral function modes of these pins are selected by bits 2 and 3 (PMRC2, PMRC3) of port mode
register C (PMRC: $025) (figure 22).
R Ports (R0
0–RE0):
17 input/output pins and 6 input pins addressed in 4-bit units. Data is input to these
ports by the LAR and LBR instructions, and output from them by the LRA and LRB instructions. *Output
data is stored in the port data register (PDR) for each pin. The on/off statuses of the output buffers of the R
ports are controlled by R-port data control registers (DCR0–DCR4: $030–$034) that are mapped to
memory addresses (figure 20).
Pin R0
0 is are multiplexed with peripheral pin INT1 respectively.
The peripheral function modes of these
pins are selected by bit 0 (PMRB0) of port mode register B (PMRB: $024) (figure 21).
Pins R3
1–R32 are multiplexed with peripheral pins TOC and TOD respectively.
The peripheral function
modes of these pins are selected by bits 0–2 (TMC20–TMC22) of timer mode register C2 (TMC2: $014),
and bits 0–3 (TMD20–TMD23) of timer mode register D2 (TMD2: $015) (figures 23, and 24).
Pin R4
0 is multiplexed with peripheral pin EVND respectively.
The peripheral function modes of these
pins are selected by bit 1 (PMRC1) of port mode register C (PMRC: $025) (figure 22).
Pins R4
1–R43 are multiplexed with peripheral pins SCK1, SI1, and SO1, respectively.
The peripheral
function modes of these pins are selected by bit 3 (SM1A3) of serial mode register 1A (SM1A: $005), and
bits 0 and 1 (PMRA0, PMRA1) of port mode register A (PMRA: $004), as shown in figures 25 and 26.
Ports RD
0 and RD1 are multiplexed with peripheral function pins COMP0 and COMP1, respectively.
The
function modes of these pins are selected by bit 3 (CER3) of the compare enable register (CER: $018)
(figure 27).
Port RE
0 is multiplexed with peripheral function pin VCref.
While functioning as VC
ref, do not use this pin
as an R port at the same time, otherwise, the MCU may malfunction.
Pull-Up or Pull-Down MOS Transistor Control: A program-controlled pull-up or pull-down MOS
transistor is provided for each input/output pin other than input-only pins D
12 and D 13. The on/off status of
all these transistors is controlled by bit 3 (MIS3) of the miscellaneous register (MIS: $00C), and the on/off
status of an individual transistor can also be controlled by the port data register (PDR) of the corresponding
pin—enabling on/off control of that pin alone (table 20 and figure 28).
The on/off status of each transistor and the peripheral function mode of each pin can be set independently.
How to Deal with Unused I/O Pins: I/O pins that are not needed by the user system (floating) must be
connected to V
CC to prevent LSI malfunctions due to noise.
These pins must either be pulled up to V
CC by
their pull-up MOS transistors or by resistors of about 100 k
Ω or pulled down to GND by their pull-down
MOS transistors.
Note:
*If nonexisted bits of R ports is read, undifined data will be latched to accumulator (A) or the B
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com