Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH152 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH152
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH152 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH152 Datasheet HTML 1Page - STMicroelectronics STTH152 Datasheet HTML 2Page - STMicroelectronics STTH152 Datasheet HTML 3Page - STMicroelectronics STTH152 Datasheet HTML 4Page - STMicroelectronics STTH152 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STTH152
3/5
0
10
20
30
40
50
60
70
80
90
100
110
5
10
152025
Lleads(mm)
Rth(j-a)
Rth(j-l)
Rth(°C/W)
Fig. 3: Thermal resistance versus lead length.
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
Fig. 5: Forward voltage drop versus forward
current.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Zth(j-a)/Rth(j-a)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 4: Relative variation of thermal impedance
junction to ambient versus pulse duration (printed
circuit board epoxy FR4, LIeads = 10mm).
1
10
100
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(pF)
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
IF(av)(A)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
PF(av)(W)
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Tamb(°C)
Rth(j-a)=Rth(j-l)
Rth(j-a)=100°C:W
IF(av)(A)
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com