Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH152RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH152RL
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH152RL Datasheet(HTML) 1 Page - STMicroelectronics

  STTH152RL Datasheet HTML 1Page - STMicroelectronics STTH152RL Datasheet HTML 2Page - STMicroelectronics STTH152RL Datasheet HTML 3Page - STMicroelectronics STTH152RL Datasheet HTML 4Page - STMicroelectronics STTH152RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STTH152
November 2001 - Ed:1A
HIGH EFFICIENCY ULTRAFAST DIODE
®
The STTH152 which is using ST's new 200V
planar technology, is specially suited for switching
mode base drive & transistor circuits.
The device is also intended for use as a free
wheeling diode in power supplies and other power
switching applications.
DESCRIPTION
s
Very low conduction losses
s
Negligible switching losses
s
Low forward and reverse recovery times
s
High junction temperature
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(AV)
Average forward current
TI = 115°C
δ = 0.5
1.5
A
IFSM
Surge non repetitive forward current
tp=10 ms Sinusoidal
80
A
Tstg
Storage temperature range
-65 +175
°C
Tj
Maximum operating junction temperature
175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
1.5 A
VRRM
200 V
Tj (max)
175 °C
VF (max)
0.75 V
trr(max)
32 ns
MAIN PRODUCT CHARACTERISTICS
DO-15
STTH152
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient*
45
°C/W
* On infinite heatsink with 10mm lead length.
THERMAL RESISTANCES


Similar Part No. - STTH152RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1502 STMICROELECTRONICS-STTH1502 Datasheet
114Kb / 10P
Ultrafast recovery diode
10-Oct-2006
STTH1502D STMICROELECTRONICS-STTH1502D Datasheet
114Kb / 10P
Ultrafast recovery diode
10-Oct-2006
STTH1502DI STMICROELECTRONICS-STTH1502DI Datasheet
114Kb / 10P
Ultrafast recovery diode
10-Oct-2006
STTH1502FP STMICROELECTRONICS-STTH1502FP Datasheet
114Kb / 10P
Ultrafast recovery diode
10-Oct-2006
STTH1506D STMICROELECTRONICS-STTH1506D Datasheet
78Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
More results

Similar Description - STTH152RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com