Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR100 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVR100
Description  Variable Capacitance Diode for AM tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVR100 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVR100 Datasheet HTML 1Page - Renesas Technology Corp HVR100 Datasheet HTML 2Page - Renesas Technology Corp HVR100 Datasheet HTML 3Page - Renesas Technology Corp HVR100 Datasheet HTML 4Page - Renesas Technology Corp HVR100 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVR100
Rev.7.00 Feb 21, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
VR
15
—
—
V
IR = 10 µA
Reverse current
IR
—
—
100
nA
VR = 9 V
C1
421.5
—
524.6
VR = 1 V, f = 1 MHz
C3
182.0
—
275.7
VR = 3 V, f = 1 MHz
C5
73.2
—
121.4
VR = 5 V, f = 1 MHz
C6
42.2
—
72.2
VR = 6 V, f = 1 MHz
C7
26.2
—
41.6
VR = 7 V, f = 1 MHz
Capacitance
C8
20.4
—
28.2
pF
VR = 8 V, f = 1 MHz
Capacitance ratio
n
16
—
—
—
C1 / C8
Figure of merit
Q
200
—
—
—
C = 450 pF, f = 1 MHz
Matching error
∆C/C *1
—
—
3.0
%
VR = 1 to 8 V, f = 1 MHz
ESD-Capability *
2
—
80
—
—
V
C = 200 pF, Both forward and
reverse direction 1 pulse.
Note:
1. Each group shall uniform a multiple of 3 diodes.
A set of HVR100 is of uniform C-V characteristics.
Measure max. value and min. value of capacitance at each bias point of VR = 1V through 8 V.
Calculate Matching Error,
(Cmax – Cmin)
Cmin
∆C/C =
× 100 (%)
2. Failure criterion ; IR < 100 nA at VR = 9 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com