Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302XXX Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1302XXX
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302XXX Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1302XXX Datasheet HTML 1Page - STMicroelectronics STTH1302XXX Datasheet HTML 2Page - STMicroelectronics STTH1302XXX Datasheet HTML 3Page - STMicroelectronics STTH1302XXX Datasheet HTML 4Page - STMicroelectronics STTH1302XXX Datasheet HTML 5Page - STMicroelectronics STTH1302XXX Datasheet HTML 6Page - STMicroelectronics STTH1302XXX Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STTH1302CT/CG/CFP
5/7
PACKAGE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
150
Q
;I
[T ]/Q
;I
[T =125°C]
RR RM
j
RR RM
j
Tj(°C)
IRM
QRR
I =6.5A
V =100V
F
R
Fig. 11: Dynamic parameters versus junction tem-
perature.
Rth
(°C/W)
(j-a)
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
20
S(cm²)
Fig. 12: Thermal resistance junction to ambient ver-
sus copper surface under tab (epoxy printed board
FR4, Cu = 35µm)(D
2PAK).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com