Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM628512CLFP-5SL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HM628512CLFP-5SL
Description  4 M SRAM (512-kword 쨈 8-bit)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM628512CLFP-5SL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HM628512CLFP-5SL Datasheet HTML 1Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 2Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 3Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 4Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 5Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 6Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 7Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 8Page - Renesas Technology Corp HM628512CLFP-5SL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
HM628512C Series
4 M SRAM (512-kword
× 8-bit)
ADE-203-1212C (Z)
Rev. 3.0
Aug. 5, 2002
Description
The Hitachi HM628512C is a 4-Mbit static RAM organized 512-kword
× 8-bit. It realizes higher density,
higher performance and low power consumption by employing CMOS process technology (6-transistor
memory cell). The device, packaged in a 525-mil SOP (foot print pitch width) or 400-mil TSOP TYPE II or
600-mil plastic DIP, is available for high density mounting. The HM628512C is suitable for battery backup
system.
Features
• Single 5 V supply
• Access time: 55/70 ns (max)
• Power dissipation
 Active: 10 mW/MHz (typ)
 Standby: 4 µW (typ)
• Completely static memory. No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state output
• Directly TTL compatible: All inputs and outputs
• Battery backup operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com