Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD935G2-15UI Datasheet(PDF) 52 Page - STMicroelectronics

Part # PSD935G2-15UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD935G2-15UI Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PSD935G2-15UI Datasheet HTML 48Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 49Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 50Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 51Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 52Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 53Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 54Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 55Page - STMicroelectronics PSD935G2-15UI Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
PSD935G2
PSD9XX Family
Drive
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
Port A
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Port B
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Port C
Slew
Slew
Slew
Slew
Slew
Slew
Slew
Slew
Rate
Rate
Rate
Rate
Rate
Rate
Rate
Rate
Port D
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Port E
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Port G
Open
Open
Open
Open
Open
Open
Open
Open
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Drain
Table 22. Drive Register Pin Assignment
The
PSD935G2
Functional
Blocks
(cont.)
9.4.3.3 Drive Select Register
The Drive Select Register configures the pin driver as Open Drain or CMOS for some port
pins, and controls the slew rate for the other port pins. An external pull-up resistor should
be used for pins configured as Open Drain.
A pin can be configured as Open Drain if its corresponding bit in the Drive Select Register
is set to a ‘1’. The default pin drive is CMOS.
Aside: the slew rate is a measurement of the rise and fall times of an output. A higher
slew rate means a faster output response and may create more electrical noise. A pin
operates in a high slew rate when the corresponding bit in the Drive Register is set to ‘1’.
The default rate is slow slew.
Table 22 shows the Drive Register for Ports A, B, C, D, E and G. It summarizes which
pins can be configured as Open Drain outputs and which pins the slew rate can be set for.
Port F always has CMOS drive.
51
9.4.4 Port Data Registers
The Port Data Registers, shown in Table 23, are used by the microcontroller to write data
to or read data from the ports. Table 23 shows the register name, the ports having each
register type, and microcontroller access for each register type. The registers are
described below.
9.4.4.1 Data In
Port pins are connected directly to the Data In buffer. In MCU I/O input mode, the pin input
is read through the Data In buffer.
9.4.4.2 Data Out Register
Stores output data written by the MCU in the MCU I/O output mode. The contents of the
Register are driven out to the pins if the Direction Register or the output enable
product term is set to “1”. The contents of the register can also be read back by the
microcontroller.
Register Name
Port
MCU Access
Data In
A,B,C,D,E,F,G
Read – input on pin
Data Out
A,B,C,D,E,F,G
Write/Read
Table 23. Port Data Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com