Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB83 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSB83
Description  Silicon Epitaxial Planar Diode for High Voltage Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB83 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSB83 Datasheet HTML 1Page - Renesas Technology Corp HSB83 Datasheet HTML 2Page - Renesas Technology Corp HSB83 Datasheet HTML 3Page - Renesas Technology Corp HSB83 Datasheet HTML 4Page - Renesas Technology Corp HSB83 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSB83
Rev.2.00, Mar.22.2004, page 3 of 4
Main Characteristics
1.0
0
0.2
0.4
0.6
0.8
250
050
200
150
100
10
10
1.0
0.1
100
f = 1MHz
1.0
10
–2
10
–4
10
–3
10
–5
10
–6
10
–8
10
–7
10
–9
10
–6
10
–7
10
–9
10
–8
10
–10
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
10
–10
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com