Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSB88WS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HSB88WS
Description  Silicon Schottky Barrier Diode for Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSB88WS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HSB88WS Datasheet HTML 1Page - Renesas Technology Corp HSB88WS Datasheet HTML 2Page - Renesas Technology Corp HSB88WS Datasheet HTML 3Page - Renesas Technology Corp HSB88WS Datasheet HTML 4Page - Renesas Technology Corp HSB88WS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSB88WS
Rev.4.00 Apr 05, 2005 page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0
2
10
8
6
4
0.1
1.0
10
f=1MHz
10
-5
10
-6
10
-4
10
-3
10
-2
10
-9
10
-10
10
-8
10
-7
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
10
1.0
0.1
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
10
-9
10
-7
10
-8
10
-6
10
-5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com