Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2002 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAF2002
Description  Silicon N Channel MOSFET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2002 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAF2002 Datasheet HTML 1Page - Renesas Technology Corp HAF2002 Datasheet HTML 2Page - Renesas Technology Corp HAF2002 Datasheet HTML 3Page - Renesas Technology Corp HAF2002 Datasheet HTML 4Page - Renesas Technology Corp HAF2002 Datasheet HTML 5Page - Renesas Technology Corp HAF2002 Datasheet HTML 6Page - Renesas Technology Corp HAF2002 Datasheet HTML 7Page - Renesas Technology Corp HAF2002 Datasheet HTML 8Page - Renesas Technology Corp HAF2002 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAF2002
Rev.3.00 Sep 07, 2005 page 5 of 8
0.10
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
0.02
0.04
0.06
0.08
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
10 V
VGS = 4 V
ID = 20 A
ID = 20 A
5 A, 10 A
10 A
5 A
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
100
50
10
20
5
1
2
0.5
1
2
5
10
20
50
Tc = –25°C
75°C
VDS = 10 V
Pulse Test
25°C
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
0.5
1
2
5
10
20
50
1000
500
200
50
100
20
10
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
0
10
20
304050
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
10000
3000
1000
300
100
30
10
Coss
VGS = 0
f = 1 MHz
50
0
Source to Drain Voltage VSD (V)
0
10
20
30
40
Reverse Drain Current vs.
Source to Drain Voltage
0.4
0.8
1.2
1.6
2.0
0 V
VGS = 5 V
100
50
20
5
10
2
1
0.2
0.5
2
10
1
5
20
50
0.1
Drain Current
ID (A)
Switching Characteristics
tf
tr
td(off)
td(on)
Pulse Test
VGS = 5 V, VDD = 30 V
PW = 300
µs, duty ≤ 1 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com