Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2005 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAF2005
Description  Silicon N Channel MOSFET Series Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2005 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAF2005 Datasheet HTML 1Page - Renesas Technology Corp HAF2005 Datasheet HTML 2Page - Renesas Technology Corp HAF2005 Datasheet HTML 3Page - Renesas Technology Corp HAF2005 Datasheet HTML 4Page - Renesas Technology Corp HAF2005 Datasheet HTML 5Page - Renesas Technology Corp HAF2005 Datasheet HTML 6Page - Renesas Technology Corp HAF2005 Datasheet HTML 7Page - Renesas Technology Corp HAF2005 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HAF2005
Rev.4.00 Sep 07, 2005 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Drain to source voltage
VDSS
60
V
VGSS
16
V
Gate to source voltage
VGSS
–2.5
V
Drain current
ID
40
A
Drain peak current
ID (pulse)
Note 1
80
A
Body-drain diode reverse drain current
IDR
40
A
Channel dissipation
Pch
Note 2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Ta = 25
°C
Typical Operation Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
VIH
3.5
—
—
V
Input voltage
VIL
—
—
1.2
V
IIH1
—
—
100
µA
Vi = 8 V, VDS = 0
IIH2
—
—
50
µA
Vi = 3.5 V, VDS = 0
Input current
(Gate non shut down)
IIL
—
—
1
µA
Vi = 1.2 V, VDS = 0
IIH (sd) 1
—
0.8
—
mA
Vi = 8 V, VDS = 0
Input current
(Gate shut down)
IIH (sd) 2
—
0.35
—
mA
Vi = 3.5 V, VDS = 0
Shut down temperature
Tsd
—
175
—
°C
Channel temperature
Gate operation voltage
VOP
3.5
—
12
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com