Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2007 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAF2007
Description  Silicon N Channel MOSFET Series Power Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2007 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAF2007 Datasheet HTML 1Page - Renesas Technology Corp HAF2007 Datasheet HTML 2Page - Renesas Technology Corp HAF2007 Datasheet HTML 3Page - Renesas Technology Corp HAF2007 Datasheet HTML 4Page - Renesas Technology Corp HAF2007 Datasheet HTML 5Page - Renesas Technology Corp HAF2007 Datasheet HTML 6Page - Renesas Technology Corp HAF2007 Datasheet HTML 7Page - Renesas Technology Corp HAF2007 Datasheet HTML 8Page - Renesas Technology Corp HAF2007 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.4.00 Sep 07, 2005 page 1 of 8
HAF2007(L), HAF2007(S)
Silicon N Channel MOS FET Series
Power Switching
REJ03G1137-0400
(Previous: ADE-208-706B)
Rev.4.00
Sep 07, 2005
Description
This FET has the over temperature shut-down capability sensing to the junction temperature.
This FET has the built-in over temperature shut-down circuit in the gate area. And this circuit operation to shut-down
the gate voltage in case of high junction temperature like applying over power consumption, over current etc.
Features
• Logic level operation (4 to 6 V Gate drive)
• High endurance capability against to the short circuit
• Built-in the over temperature shut-down circuit
• Latch type shut-down operation (Need 0 voltage recovery)
Outline
RENESAS Package code: PRSS0004ZD-B
(Package name: DPAK (L)-(2) )
RENESAS Package code: PRSS0004ZD-C
(Package name: DPAK (S) )
1. Gate
2. Drain
3. Source
4. Drain
Gate resistor
Tempe-
rature
Sensing
Circuit
Latch
Circuit
Gate
Shut-
down
Circuit
D
S
G
2, 4
1
3
1
2
3
4
1
2
3
4


Similar Part No. - HAF2007

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2007 HITACHI-HAF2007 Datasheet
42Kb / 6P
Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2007(L) RENESAS-HAF2007(L)_15 Datasheet
114Kb / 11P
Silicon N Channel MOS FET Series Power Switching
logo
VBsemi Electronics Co.,...
HAF2007-90STL-E VBSEMI-HAF2007-90STL-E Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Hitachi Semiconductor
HAF2007L HITACHI-HAF2007L Datasheet
42Kb / 6P
Silicon N Channel MOS FET Series Power Switching
HAF2007S HITACHI-HAF2007S Datasheet
42Kb / 6P
Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - HAF2007

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2008 HITACHI-HAF2008 Datasheet
24Kb / 6P
SILICON N CHANNEL MOSFET SERIES POWER SWITCHING
logo
Renesas Technology Corp
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
Silicon N Channel MOSFET Power Switching
HAF2001 RENESAS-HAF2001 Datasheet
92Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2002 RENESAS-HAF2002 Datasheet
94Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAF2005 RENESAS-HAF2005 Datasheet
88Kb / 8P
Silicon N Channel MOSFET Series Power Switching
HAF2014 RENESAS-HAF2014 Datasheet
87Kb / 8P
Silicon N Channel MOSFET Series Power Switching
HAF2015RJ RENESAS-HAF2015RJ Datasheet
142Kb / 10P
Silicon N Channel MOSFET Series Power Switching
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
Silicon N Channel Power MOSFET Power Switching
HAF2021 RENESAS-HAF2021 Datasheet
92Kb / 9P
Silicon N Channel MOSFET Series Power Switching
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
Silicon N Channel MOSFET power switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com