Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH306RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH306RL
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH306RL Datasheet(HTML) 3 Page - STMicroelectronics

  STTH306RL Datasheet HTML 1Page - STMicroelectronics STTH306RL Datasheet HTML 2Page - STMicroelectronics STTH306RL Datasheet HTML 3Page - STMicroelectronics STTH306RL Datasheet HTML 4Page - STMicroelectronics STTH306RL Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STTH306
3/5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IF(av)(A)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
P(W)
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current.
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VFM(V)
Tj=25°C
(Maximum values)
Tj=150°C
(Maximum values)
Tj=150°C
(Typical values)
Tj
IFM(A)
Fig. 2: Forward voltage drop versus forward
current
.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Zth(j-a)/Rth(j-a)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
Fig. 3: Relative variation of thermal impedance
junction ambient versus pulse duration (epoxy
FR4, Leads = 10mm)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
trr(ns)
Fig. 5:
Reverse recovery time versus dIF/dt
(90% confidence).
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=2 x IF(av)
IF=0.5 x IF(av)
IF=IF(av)
IF=0.25 x IF(av)
IRM(A)
Fig. 4:
Peak reverse recovery current versus
dIF/dt (90% confidence).
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
Qrr(nC)
Fig. 6: Reverse recovery charges versus dIF/dt
(90% confidence).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com