Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G06 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74ALVC2G06
Description  Triple Inverter Buffers / Drivers with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G06 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74ALVC2G06 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G06 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.5.00 Sep 08, 2006 page 1 of 6
HD74ALVC2G06
Triple Inverter Buffers / Drivers with Open Drain
REJ03D0162-0500
Rev.5.00
Sep 08, 2006
Description
The HD74ALVC2G06 has triple inverter buffers / drivers with open drain outputs in an 8 pin package. Low voltage
and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power
consumption extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range : 1.2 to 3.6 V
• Operating temperature range: −40 to +85°C
• All inputs V
IH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V)
• All outputs V
O (Max.) = 3.6 V (@VCC = 0 V, Output: Z)
• Output current
2 mA (@VCC = 1.2 V)
4 mA (@VCC = 1.4 V to 1.6 V)
6 mA (@VCC = 1.65 V to 1.95 V)
18 mA (@VCC = 2.3 V to 2.7 V)
24 mA (@VCC = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74ALVC2G06USE
SSOP-8 pin
PVSP0008KA-A
(TTP-8DBV)
US
E (3,000 pcs/reel)
Outline and Article Indication
• HD74ALVC2G06
Lot No.
Y : Year code
(the last digit of year)
M : Month code
W : Week code
Y M W
A 0 6
Marking
Index band
SSOP-8


Similar Part No. - HD74ALVC2G06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G06 RENESAS-HD74ALVC2G06_15 Datasheet
114Kb / 9P
Triple Inverter Buffers / Drivers with Open Drain
More results

Similar Description - HD74ALVC2G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74ALVC2G07 RENESAS-HD74ALVC2G07 Datasheet
77Kb / 7P
Triple Buffers / Drivers with Open Drain
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74ALVC2G07 RENESAS-HD74ALVC2G07_15 Datasheet
109Kb / 9P
Triple Buffers / Drivers with Open Drain
HD74ALVC2G06 RENESAS-HD74ALVC2G06_15 Datasheet
114Kb / 9P
Triple Inverter Buffers / Drivers with Open Drain
logo
Texas Instruments
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
Hex Inverter Buffers/Drivers With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com