Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ALVC2G74 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74ALVC2G74
Description  Single D-type Flip Flops with Preset and Clear
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G74 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74ALVC2G74 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G74 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74ALVC2G74
Rev.3.00, Dec.18.2003, page 7 of 10
VCC = 1.8
±0.15 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Maximum clock
frequency
fmax
160
350
MHz
CL = 30 pF
1.5
8.0
PRE/CLR
Propagation
delay time
tPLH
tPHL
1.5
8.0
ns
CL = 30 pF
CLK
Q or
Q
3.5

D
Setup time
tsu
3.0

ns
PRE or CLR inactive
Hold time
th
0.0

ns
2.5

PRE or CLR “L”
Pulse width
tw
2.5

ns
CLK “H” or “L”
VCC = 2.5
±0.2 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Maximum clock
frequency
fmax
160
400
MHz
CL = 30 pF
1.0
5.0
PRE/CLR
Propagation
delay time
tPLH
tPHL
1.0
5.0
ns
CL = 30 pF
CLK
Q or
Q
2.5

D
Setup time
tsu
2.0

ns
PRE or CLR inactive
Hold time
th
0.0

ns
2.0

PRE or CLR “L”
Pulse width
tw
2.0

ns
CLK “H” or “L”
VCC = 3.3
±0.3 V
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
FROM
(Input)
TO
(Output)
Maximum clock
frequency
fmax
200
450
MHz
CL = 30 pF
1.0
3.5
PRE/CLR
Propagation
delay time
tPLH
tPHL
1.0
3.5
ns
CL = 30 pF
CLK
Q or
Q
2.0

D
Setup time
tsu
2.0

ns
PRE or CLR inactive
Hold time
th
0.0

ns
2.0

PRE or CLR “L”
Pulse width
tw
2.0

ns
CLK “H” or “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com