Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74BC244ATELL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74BC244ATELL
Description  Octal Buffers/Line Drivers With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC244ATELL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74BC244ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74BC244ATELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74BC244A
Rev.3.00, Jul.16.2004, page 2 of 8
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
GND
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
VCC
2G
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
1G
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage
V
CC
–0.5 to +7.0
V
Input diode current
I
IK
±30
mA
Input voltage
V
IN
–0.5 to +7.5
V
Output voltage
V
OUT
–0.5 to +7.5
V
Off state output voltage
V
OUT(off)
–0.5 to +5.5
V
Storage temperature
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.5
5.0
5.5
V
Input voltage
V
IN
0—
V
CC
V
Output voltage
V
OUT
0—
V
CC
V
Operating temperature
Topr
–40
—
85
°C
Input rise/fall time*
1
t
r, tf
0—
8ns/V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com