Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74BC573AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74BC573AP
Description  Octal D Type Transparent Latches With 3 State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC573AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74BC573AP Datasheet HTML 1Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 2Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 3Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 4Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 5Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 6Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 7Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 8Page - Renesas Technology Corp HD74BC573AP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74BC573A
Rev.3.00, Jul.16.2004, page 3 of 8
Logic Diagram
1Q
2Q
7Q
8Q
1D
2D
7D
8D
D Q
D Q
D Q
D Q
CK
CK
CK
CK
Output
Control
Latch
Enable
Electrical Characteristics (Ta = –40°C to +85°C)
Item
Symbol
V
CC (V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
—
V
V
IL
—0.8
V
Output voltage
V
OH
4.5
2.4
—
V
I
OH = –3 mA
4.5
2.0
—
V
I
OH = –15 mA
V
OL
4.5
—
0.4
V
I
OL = 24 mA
4.5
—
0.5
V
I
OL = 48 mA
Input diode voltage
V
IK
4.5
—
–1.2
V
I
IN = –18 mA
Input current
I
I
5.5
—
–250
µA
V
IN = 0 V
5.5
—
1.0
µA
V
IN = 5.5 V
5.5
—
100
µA
V
IN = 7.0 V
Short circuit output current*
1
I
OS
5.5
–100
–225
mA
V
IN = 0 or 5.5 V
Off state output current
I
OZH
5.5
—
50
µA
V
O = 2.7 V
I
OZL
5.5
—
–50
µA
V
O = 0.5 V
Supply current
I
CCL
5.5
—
29.5
mA
V
IN = 0 or 5.5 V
All outputs is “L”
I
CCH
5.5
—
2.5
mA
V
IN = 0 or 5.5 V
All outputs is “H”
I
CCZ
5.5
—
2.5
mA
V
IN = 0 or 5.5 V
All outputs is “Z”
I
CCT*
2
5.5
—
1.5
mA
V
IN = 3.4 or 0.5 V
Notes: 1. Not more than one output should be shorted at a time and duration of the short circuit should not exceed one
second.
2. When input by the TTL level, it shows I
CC increase at per one input pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com