Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L06B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH5L06B
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L06B Datasheet(HTML) 4 Page - STMicroelectronics

  STTH5L06B Datasheet HTML 1Page - STMicroelectronics STTH5L06B Datasheet HTML 2Page - STMicroelectronics STTH5L06B Datasheet HTML 3Page - STMicroelectronics STTH5L06B Datasheet HTML 4Page - STMicroelectronics STTH5L06B Datasheet HTML 5Page - STMicroelectronics STTH5L06B Datasheet HTML 6Page - STMicroelectronics STTH5L06B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STTH5L06D/B/FP
4/7
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
Fig.
8:
Relative
variations
of
dynamic
parameters versus junction temperature.
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
Fig. 9: Transient peak forward voltage versus
dIF/dt (90% confidence).
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
Fig. 10:
Forward recovery time versus dIF/dt
(90% confidence).
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
j
Fig. 11:
Junction capacitance versus reverse
voltage applied (typical values).
0
2
4
6
8
1012141618
20
0
10
20
30
40
50
60
70
80
S(Cu)(cm²)
R
(°C/W)
th(j-a)
Fig. 12:
Thermal resistance junction to ambient
versus copper surface under tab (epoxy printed circuit
board FR4, copper thickness: 35µm) (DPAK).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com