Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74BC645AFPEL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74BC645AFPEL
Description  Octal Bus Transceivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC645AFPEL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74BC645AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC645AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74BC645A
Rev.2.00, Jul.16.2004, page 2 of 7
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VCC
G
B1
B2
B3
B4
B5
B6
B7
B8
DiR
A1
A2
A3
A4
A5
A6
A7
A8
GND
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage
V
CC
–0.5 to +7.0
V
Input diode current
I
IK
±30
mA
Input voltage
V
IN
–0.5 to +7.5
V
Output voltage
V
OUT
–0.5 to +7.5
V
Off state output voltage
V
OUT(off)
–0.5 to +5.5
V
Storage temperature
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.5
5.0
5.5
V
Input voltage
V
IN
0—
V
CC
V
Ouput voltage
V
OUT
0—
V
CC
V
Operating temperature
Topr
–40
—
85
°C
Input rise/fall time*
1
t
r, tf
0—
8ns/V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com