Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5R06FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH5R06FP
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5R06FP Datasheet(HTML) 4 Page - STMicroelectronics

  STTH5R06FP Datasheet HTML 1Page - STMicroelectronics STTH5R06FP Datasheet HTML 2Page - STMicroelectronics STTH5R06FP Datasheet HTML 3Page - STMicroelectronics STTH5R06FP Datasheet HTML 4Page - STMicroelectronics STTH5R06FP Datasheet HTML 5Page - STMicroelectronics STTH5R06FP Datasheet HTML 6Page - STMicroelectronics STTH5R06FP Datasheet HTML 7Page - STMicroelectronics STTH5R06FP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STTH5R06D/FP/B/G
4/8
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
25
50
75
100
125
Tj(°C)
IRM
Qrr
S factor
Reference: Tj=125°C
IF=IF(av)
VR=400V
Tj=125°C
Fig.
8:
Relative
variation
of
dynamic
parameters versus junction temperature.
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
dIF/dt(A/µs)
IF=IF(av)
Tj=125°C
VFP(V)
Fig. 9: Transient peak forward voltage versus
dIF/dt (90% confidence).
0
20
40
60
80
100
120
0
100
200
300
400
500
dIF/dt(A/µs)
IF=IF(av)
VFR=1.1 x VF max.
Tj=125°C
tfr(ns)
Fig. 10:
Forward recovery time versus dIF/dt
(90% confidence).
10
100
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(pF)
Fig. 11:
Junction capacitance versus reverse
voltage applied (typical values).
0
10
20
30
40
50
60
70
80
90
100
02468
10
12
14
16
18
20
Rth(j-a)(°C/W)
S(cm²)
Fig. 12: Thermal resistance junction to ambient
versus copper surface under tab (epoxy printed
circuit board FR4, Cu=35µm) (DPAK and D
2PAK).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com