Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74CDCF2509BTEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74CDCF2509BTEL
Description  140 MHz, 0 to 85째C Operation 3.3-V Phase-lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CDCF2509BTEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74CDCF2509BTEL Datasheet HTML 1Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 2Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 3Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 4Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 5Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 6Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 7Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 8Page - Renesas Technology Corp HD74CDCF2509BTEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74CDCF2509B
Rev.10.00 Apr 07, 2006 page 3 of 8
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 4.6
V
Input voltage
*1
VI
–0.5 to 6.5
V
Output voltage
*1, 2
VO
–0.5 to VCC +0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
Supply current
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 55°C (in still air)
*3
PT
0.7
W
Storage temperature
Tstg
–65 to +150
°C
Notes:
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under “recommended operating conditions” is not implied. Exposure to absolute maximum
rated conditions for extended periods may affect device reliability.
1. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings
are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150°C and a board
trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VCC
3.0
—
3.6
V
VIH
2.0
—
—
VIL
—
—
0.8
Input voltage
VI
0
—
VCC
V
IOH
—
—
–12
Output current
IOL
—
—
12
mA
Operating temperature
Ta
0
—
85
°C
Note: Unused inputs must be held high or low to prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com