Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1374 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1374
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1374 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1374 Datasheet HTML 1Page - Renesas Technology Corp 2SA1374 Datasheet HTML 2Page - Renesas Technology Corp 2SA1374 Datasheet HTML 3Page - Renesas Technology Corp 2SA1374 Datasheet HTML 4Page - Renesas Technology Corp 2SA1374 Datasheet HTML 5Page - Renesas Technology Corp 2SA1374 Datasheet HTML 6Page - Renesas Technology Corp 2SA1374 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1374
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–55
V
Collector to emitter voltage
V
CEO
–55
V
Emitter to base voltage
V
EBO
–5
V
Collector current
I
C
–100
mA
Base current
I
B
–30
mA
Collector power dissipation
P
C
300
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–55
—
—
V
I
C = –10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–55
—
—
V
I
C = –1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–5
—
—
V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
–0.1
µAV
CB = –18 V, IE = 0
Emitter cutoff current
I
EBO
—
—
–0.05
µAV
EB = –2 V, IE = 0
DC current transfer ratio
h
FE*
1
160
—
500
V
CE = –12 V, IC = –2 mA
Base to emitter voltage
V
BE
—
–0.66
–0.75
V
V
CE = –12 V, IC = –2 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
–0.1
–0.5
V
I
C = –10 mA, IB = –1 mA
Gain bandwidth product
f
T
—
250
—
MHz
V
CE = –12 V, IC = –2 mA
Collector output capacitance
Cob
—
2.5
—
pF
V
CB = –10 V, IE = 0, f = 1 MHz
Note:
1. The 2SA1374 is grouped by h
FE as follows.
CD
160 to 320
250 to 500
See characteristic curves of 2SA836.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com