Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD970 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SD970
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD970 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SD970 Datasheet HTML 1Page - Renesas Technology Corp 2SD970 Datasheet HTML 2Page - Renesas Technology Corp 2SD970 Datasheet HTML 3Page - Renesas Technology Corp 2SD970 Datasheet HTML 4Page - Renesas Technology Corp 2SD970 Datasheet HTML 5Page - Renesas Technology Corp 2SD970 Datasheet HTML 6Page - Renesas Technology Corp 2SD970 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SD970(K)
3
Collector to emitter voltage VCE (V)
0
Typical Output Characteristics
12345
2
4
6
8
10
TC = 25°C
IB = 0
0.6 mA
2.0
1.8
1.6
1.4
1.2
1.0
0.8
100
300
1,000
3,000
10,000
Collector current IC (A)
0.1
0.3
1.0
3
10
DC Current Transfer Ratio
vs. Collector Current
T C
=
75
°C
25
°C
–25
°C
VCE = 3 V
0.1
0.2
0.5
1.0
2
5
10
Collector current IC (A)
0.1
0.2
0.5
1.0
2
5
10
Saturation Voltage vs. Collector Current
VBE (sat)
VCE (sat)
lC/lB = 200
lC/lB = 500
500
200
TC = 25°C
0.01
0.03
0.1
0.3
1.0
3
10
Collector current IC (A)
0.1
0.3
1.0
3
10
Switching Time vs. Collector Current
Ta = 25
°C
VCC = 30 V
IC = 500 IB1 = –500 IB2
tf
ton
tstg



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com