Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38C3 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 38C3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 9Page - Renesas Technology Corp 38C3 Datasheet HTML 10Page - Renesas Technology Corp 38C3 Datasheet HTML 11Page - Renesas Technology Corp 38C3 Datasheet HTML 12Page - Renesas Technology Corp 38C3 Datasheet HTML 13Page - Renesas Technology Corp 38C3 Datasheet HTML 14Page - Renesas Technology Corp 38C3 Datasheet HTML 15Page - Renesas Technology Corp 38C3 Datasheet HTML 16Page - Renesas Technology Corp 38C3 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
12
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
Fig. 10 Port block diagram (1)
(6)Port P44
Serial I/O input
(1)Ports P0, P1, P2
Segment output enable bit
Pull-down control
Segment output enable bit
Direction register
Data bus
Port latch
VL2/VL3
VL1/VSS
(5)Port P43
φ
φ output control bit
(2)Port P3
Segment output enable bit
Pull-down control
Segment output enable bit
Data bus
Port latch
VL2/VL3
VL1/VSS
(4)Ports P41, P42, P52
Timer 1 output selection bit
Timer 3 output selection bit
Timer 6 output selection bit
Direction register
Pull-up control
Timer 1 output
Timer 3 output
Timer 6 output
(3)Port P40
Data bus
Serial I/O clock output
Serial I/O mode selection bit
Port latch
Direction register
Pull-up control
P-channel output disable bit
(Note)
Note : Port P0, P1 direction registers are only bit 0.
Data bus
Port latch
Port latch
Direction register
Data bus
Pull-up control
Data bus
Port latch
Direction register
Pull-up control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com