Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6003 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH6003
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6003 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH6003 Datasheet HTML 1Page - STMicroelectronics STTH6003 Datasheet HTML 2Page - STMicroelectronics STTH6003 Datasheet HTML 3Page - STMicroelectronics STTH6003 Datasheet HTML 4Page - STMicroelectronics STTH6003 Datasheet HTML 5Page - STMicroelectronics STTH6003 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
VR =300 V
Tj=25
°C
60
µA
Tj = 125
°C
60
600
VF **
Forward voltage drop
IF = 30 A
Tj=25
°C
1.25
V
Tj = 125
°C
0.85
1
Pulse test : * tp = 5 ms,
δ <2 %
** tp = 380
µs, δ <2%
To evaluate the maximum conduction losses use the following equation:
P = 0.75 x IF(AV) + 0.008 x IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
ISOTOP
Per diode
Total
1.4
0.75
°C/W
TO-247
Per diode
Total
1
0.55
Rth (c)
Coupling
0.1
When the diodes 1 and 2 are used simultaneously:
∆Tj (diode 1) = P (diode 1) x Rth(j-c) (per diode) + P (diode 2) x Rth(C)
THERMAL RESISTANCES
Symbol
Tests conditions
Min.
Typ.
Max.
Unit
trr
IF = 0.5 A
Irr = 0.25 A
IR =1A
Tj = 25
°C
40
ns
IF =1 A
dIF/dt = - 50 A/
µsVR =30 V
55
tfr
IF =30 A
dIF/dt = 200 A/
µsTj = 25°C
350
ns
VFP
VFR = 1.1 x VF max.
5V
Sfactor
Vcc = 200 V
IF = 30 A
Tj = 125
°C
0.3
-
IRM
dIF/dt = 200 A/
µs
11
A
RECOVERY CHARACTERISTICS
STTH6003TV/CW
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com