Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802CB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH802CB
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802CB Datasheet(HTML) 7 Page - STMicroelectronics

  STTH802CB Datasheet HTML 1Page - STMicroelectronics STTH802CB Datasheet HTML 2Page - STMicroelectronics STTH802CB Datasheet HTML 3Page - STMicroelectronics STTH802CB Datasheet HTML 4Page - STMicroelectronics STTH802CB Datasheet HTML 5Page - STMicroelectronics STTH802CB Datasheet HTML 6Page - STMicroelectronics STTH802CB Datasheet HTML 7Page - STMicroelectronics STTH802CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH802/CT/CB/CFP
7/8
PACKAGE MECHANICAL DATA
TO-220FPAB
H
L3
L2
L4
L6
G
G1
F
F1
L5
D
E
L7
A
B
Dia
F2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH802CT
STTH802CT
TO-220AB
2.23 g
50
Tube
STTH802CB
STTH802CB
DPAK
0.3 g
75
Tube
STTH802CB-TR
STTH802CB
DPAK
0.3 g
2500
Tape & reel
STTH802CFP
STTH802CFP
TO-220FPAB
2.0 g
50
Tube
s
Cooling method: by conduction (method C)
s
Recommended torque value (TO-220AB): 0.8 N.m
s
Maximum torque value (TO-220AB): 1.0 N.m
s
Recommended torque value (TO-220FPAB): 0.55 N.m
s
Maximum torque value (TO-220FPAB): 0.7 N.m
s
Epoxy meets UL 94,V0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com