Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH803G Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH803G
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH803G Datasheet(HTML) 1 Page - STMicroelectronics

  STTH803G Datasheet HTML 1Page - STMicroelectronics STTH803G Datasheet HTML 2Page - STMicroelectronics STTH803G Datasheet HTML 3Page - STMicroelectronics STTH803G Datasheet HTML 4Page - STMicroelectronics STTH803G Datasheet HTML 5Page - STMicroelectronics STTH803G Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STTH803D/G
October 1999 - Ed: 5C
HIGH FREQUENCY SECONDARY RECTIFIER
®
Single Fast Recovery Epitaxial Diode suited for
Switch Mode Power Supply and high frequency
DC/DC converters.
Packaged in TO-220AC or D
2PAK this device is
especially intended for secondary rectification.
DESCRIPTION
COMBINES HIGHEST RECOVERY AND
REVERSE VOLTAGE PERFORMANCE
ULTRA-FAST, SOFT AND NOISE-FREE
RECOVERY
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
RMS forward current
20
A
IF(AV)
Average forward current
Tc = 150
°C δ = 0.5
8A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
100
A
IRSM
Non repetitive avalanche current
tp = 20
µs square
4A
Tstg
Storage temperature range
-65 +175
°C
Tj
Maximum operating junction temperature
+ 175
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
8 A
VRRM
300 V
Tj (max)
175 °C
VF (max)
1 V
trr (max)
35 ns
MAJOR PRODUCTS CHARACTERISTICS
D
2PAK
STTH803G
K
A
N.C.
K
K
A
TO-220AC
STTH803D
1/6


Similar Part No. - STTH803G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH803G-TR STMICROELECTRONICS-STTH803G-TR Datasheet
634Kb / 13P
High frequency secondary rectifier
22-Apr-2015
More results

Similar Description - STTH803G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH30R03CW STMICROELECTRONICS-STTH30R03CW Datasheet
78Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Jul-2002
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
logo
Inchange Semiconductor ...
STTH2003CT ISC-STTH2003CT Datasheet
271Kb / 2P
Hight frequency secondary rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com