Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3820 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 3820
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3820 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 3820 Datasheet HTML 17Page - Renesas Technology Corp 3820 Datasheet HTML 18Page - Renesas Technology Corp 3820 Datasheet HTML 19Page - Renesas Technology Corp 3820 Datasheet HTML 20Page - Renesas Technology Corp 3820 Datasheet HTML 21Page - Renesas Technology Corp 3820 Datasheet HTML 22Page - Renesas Technology Corp 3820 Datasheet HTML 23Page - Renesas Technology Corp 3820 Datasheet HTML 24Page - Renesas Technology Corp 3820 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
20
MITSUBISHI MICROCOMPUTERS
3820 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Key Input Interrupt (Key-on Wake Up)
A key input interrupt request is generated by applying “L” level to
any pin of port P3 that have been set to input mode. In other
words, it is generated when AND of input level goes from “1” to “0”.
An example of using a key input interrupt is shown in Figure 9,
where an interrupt request is generated by pressing one of the
keys consisted as an active-low key matrix which inputs to ports
P20–P23.
Fig. 10 Connection example when using key input interrupt and port P2 block diagram
Port P20
latch
Port P20
direction register = "0"
Port P21
latch
Port P21
direction register = "0"
Port P22
latch
Port P22
direction register = "0"
Port P23
latch
Port P23
direction register = "0"
Port P24
latch
Port P24
direction register = "1"
Port P25
latch
Port P25
direction register = "1"
Port P26
latch
Port P26
direction register = "1"
Port P27
latch
Port P27
direction register = "1"
P20 input
P21 input
P22 input
P23 input
P24 output
P25 output
P26 output
P27 output
PULL register A
Bit 2 = "1"
Port P2
Input reading circuit
Port PXx
"L" level output
V P-channel transistor for pull-up
V V CMOS output buffer
Key input interrupt request
V
VV
V
VV
V
VV
V
VV
V
VV
V
VV
V
VV
V
VV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com