Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16623MC Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M16623MC
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623MC Datasheet(HTML) 2 Page - Renesas Technology Corp

  M16623MC Datasheet HTML 1Page - Renesas Technology Corp M16623MC Datasheet HTML 2Page - Renesas Technology Corp M16623MC Datasheet HTML 3Page - Renesas Technology Corp M16623MC Datasheet HTML 4Page - Renesas Technology Corp M16623MC Datasheet HTML 5Page - Renesas Technology Corp M16623MC Datasheet HTML 6Page - Renesas Technology Corp M16623MC Datasheet HTML 7Page - Renesas Technology Corp M16623MC Datasheet HTML 8Page - Renesas Technology Corp M16623MC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 242 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
1
------Table of Contents------
Description
The M16C/62A (80-pin version) group of single-chip microcomputers are built using the high-performance
silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 80-pin plastic molded
QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of
instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high
speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communi-
cations, industrial equipment, and other high-speed processing applications.
The M16C/62A (80-pin version) group includes a wide range of products with different internal memory
types and sizes and various package types.
Features
• Memory capacity .................................. ROM (See Figure 1.1.3. ROM Expansion)
RAM 3K to 20K bytes
• Shortest instruction execution time ...... 62.5ns (f(XIN)=16MHZ, VCC=5V)
100ns (f(XIN)=10MHZ, VCC=3V, with software one-wait) : Mask ROM, flash memory 5V version
• Supply voltage ..................................... 4.2V to 5.5V (f(XIN)=16MHZ, without software wait) : Mask ROM, flash memory 5V version
2.7V to 5.5V (f(XIN)=10MHZ with software one-wait) : Mask ROM, flash memory 5V version
• Low power consumption ...................... 25.5mW ( f(XIN)=10MHZ, with software one-wait, VCC = 3V)
• Interrupts .............................................. 25 internal and 5 external interrupt sources, 4 software
interrupt sources; 7 levels (including key input interrupt)
• Multifunction 16-bit timer ...................... 5 output timers + 6 input timers (3 for timer function only)
• Serial I/O .............................................. 5 channels (2 for UART or clock synchronous, 1 for UART, 2 for clock synchronous)
• DMAC .................................................. 2 channels (trigger: 24 sources)
• A-D converter ....................................... 10 bits X 8 channels (Expandable up to 10 channels)
• D-A converter ....................................... 8 bits X 2 channels
• CRC calculation circuit ......................... 1 circuit
• Watchdog timer .................................... 1 line
• Programmable I/O ............................... 70 lines
• Input port ..............................................
_______
1 line (P85 shared with NMI pin)
• Clock generating circuit ....................... 2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)
Note: Memory expansion mode and microprocessor mode are not supported.
Applications
Audio, cameras, office equipment, communications equipment, portable equipment
Timer ............................................................. 68
Serial I/O ....................................................... 86
A-D Converter ............................................. 127
D-A Converter ............................................. 137
CRC Calculation Circuit .............................. 139
Programmable I/O Ports ............................. 141
Electric Characteristics ............................... 154
Flash memory version ................................. 183
About the M16C/62A (80-pin version) group .. 7
Central Processing Unit (CPU) ..................... 11
Reset ............................................................. 14
Processor Mode ............................................ 21
Clock Generating Circuit ............................... 26
Protection ...................................................... 35
Interrupts ....................................................... 36
Watchdog Timer ............................................ 56
DMAC ........................................................... 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com