Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16623FG Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M16623FG
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16623FG Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M16623FG Datasheet HTML 17Page - Renesas Technology Corp M16623FG Datasheet HTML 18Page - Renesas Technology Corp M16623FG Datasheet HTML 19Page - Renesas Technology Corp M16623FG Datasheet HTML 20Page - Renesas Technology Corp M16623FG Datasheet HTML 21Page - Renesas Technology Corp M16623FG Datasheet HTML 22Page - Renesas Technology Corp M16623FG Datasheet HTML 23Page - Renesas Technology Corp M16623FG Datasheet HTML 24Page - Renesas Technology Corp M16623FG Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 242 page
background image
SFR
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
20
Figure 1.7.3. Location of peripheral unit control registers (3)
03C016
03C116
03C216
03C316
03C416
03C516
03C616
03C716
03C816
03C916
03CA16
03CB16
03CC16
03CD16
03CE16
03CF16
03D016
03D116
03D216
03D316
03D416
03D516
03D616
03D716
03D816
03D916
03DA16
03DB16
03DC16
03DD16
03DE16
03DF16
03E016
03E116
03E216
03E316
03E416
03E516
03E616
03E716
03E816
03E916
03EA16
03EB16
03EC16
03ED16
03EE16
03EF16
03F016
03F116
03F216
03F316
03F416
03F516
03F616
03F716
03F816
03F916
03FA16
03FB16
03FC16
03FD16
03FE16
03FF16
A-D register 7 (AD7)
A-D register 0 (AD0)
A-D register 1 (AD1)
A-D register 2 (AD2)
A-D register 3 (AD3)
A-D register 4 (AD4)
A-D register 5 (AD5)
A-D register 6 (AD6)
Port P0 register (P0)
Port P0 direction register (PD0)
Port P1 register (P1)
Port P1 direction register (PD1)
Port P2 register (P2)
Port P2 direction register (PD2)
Port P3 register (P3)
Port P3 direction register (PD3)
Port P4 register (P4)
Port P4 direction register (PD4)
Port P5 register (P5)
Port P5 direction register (PD5)
Port P6 register (P6)
Port P6 direction register (PD6)
Port P7 register (P7)
Port P7 direction register (PD7)
Port P8 register (P8)
Port P8 direction register (PD8)
Port P9 register (P9)
Port P9 direction register (PD9)
Port P10 register (P10)
Port P10 direction register (PD10)
Pull-up control register 0 (PUR0)
Pull-up control register 1 (PUR1)
Pull-up control register 2 (PUR2)
A-D control register 0 (ADCON0)
A-D control register 1 (ADCON1)
D-A register 0 (DA0)
D-A register 1 (DA1)
D-A control register (DACON)
A-D control register 2 (ADCON2)
Port control register (PCR)
*
*
*
*
*
*
*
*
Note 1: M16C/62A (80-pin version) group is not provided with the functions, in whole or in part, of the registers
marked with an *. But the relevant registers need to be dealt with as given on page 7.
Note 2: Locations in the SFR area where nothing is allocated are reserved areas. Do not access these areas for
read or write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com