Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4502 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 4502
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 25Page - Renesas Technology Corp 4502 Datasheet HTML 26Page - Renesas Technology Corp 4502 Datasheet HTML 27Page - Renesas Technology Corp 4502 Datasheet HTML 28Page - Renesas Technology Corp 4502 Datasheet HTML 29Page - Renesas Technology Corp 4502 Datasheet HTML 30Page - Renesas Technology Corp 4502 Datasheet HTML 31Page - Renesas Technology Corp 4502 Datasheet HTML 32Page - Renesas Technology Corp 4502 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
4502 Group
Rev.3.01
2005.02.02
page 29 of 112
REJ03B0105-0301
WATCHDOG TIMER
Watchdog timer provides a method to reset the system when a pro-
gram run-away occurs. Watchdog timer consists of timer
WDT(16-bit binary counter), watchdog timer enable flag (WEF),
and watchdog timer flags (WDF1, WDF2).
The timer WDT downcounts the instruction clocks as the count
source from “FFFF16” after system is released from reset.
After the count is started, when the timer WDT underflow occurs
(after the count value of timer WDT reaches “FFFF16,” the next
count pulse is input), the WDF1 flag is set to “1.”
If the WRST instruction is never executed until the timer WDT un-
derflow occurs (until timer WDT counts 65534), WDF2 flag is set to
“1,” and the RESET pin outputs “L” level to reset the microcom-
puter.
Execute the WRST instruction at each period of 65534 machine
cycle or less by software when using watchdog timer to keep the
microcomputer operating normally.
When the WEF flag is set to “1” after system is released from reset,
the watchdog timer function is valid.
When the DWDT instruction and the WRST instruction are ex-
ecuted continuously, the WEF flag is cleared to “0” and the
watchdog timer function is invalid.
The WEF flag is set to "1" at system reset or RAM back-up mode.
The WRST instruction has the skip function. When the WRST in-
struction is executed while the WDF1 flag is “1”, the WDF1 flag is
cleared to “0” and the next instruction is skipped.
When the WRST instruction is executed while the WDF1 flag is “0”,
the next instruction is not skipped.
The skip function of the WRST instruction can be used even when
the watchdog timer function is invalid.
Fig. 25 Watchdog timer function
65534 count
(Note)
Value of 16-bit timer (WDT)
WDF1 flag
➂ WRST instruction
executed
(skip executed)
RESET pin output
WDF2 flag
➄ System reset
➀ Reset
released
➀ After system is released from reset (= after program is started), timer WDT starts count down.
➁ When timer WDT underflow occurs, WDF1 flag is set to “1.”
➂ When the WRST instruction is executed, WDF1 flag is cleared to “0,” the next instruction is skipped.
➃ When timer WDT underflow occurs while WDF1 flag is “1,” WDF2 flag is set to “1” and the
watchdog reset signal is output.
➄ The output transistor of RESET pin is turned “ON” by the watchdog reset signal and system reset is
executed.
Note: The number of count is equal to the number of machine cycle because the count source of watchdog timer
is the instruction clock.
FFFF16
000016
➁
➁
➃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com