Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4518 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 60Page - Renesas Technology Corp 4518 Datasheet HTML 61Page - Renesas Technology Corp 4518 Datasheet HTML 62Page - Renesas Technology Corp 4518 Datasheet HTML 63Page - Renesas Technology Corp 4518 Datasheet HTML 64Page - Renesas Technology Corp 4518 Datasheet HTML 65Page - Renesas Technology Corp 4518 Datasheet HTML 66Page - Renesas Technology Corp 4518 Datasheet HTML 67Page - Renesas Technology Corp 4518 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 160 page
background image
Rev.3.01
2005.06.15
page 64 of 157
REJ03B0008-0301
4518 Group
Fig. 53 State transition
Fig. 54 Set source and clear source of the P flag
Fig. 55 Start condition identified example using the SNZP in-
struction
A
Operation state
• Operation source clock:
f(RING)
• f(XIN): Stop
Key-on wakeup
POF instruction
execution
E
RAM back-up mode
D
• Operation source clock:
f(XIN)
• f(RING): Stop
POF instruction
execution
Operation state
Notes 1: Microcomputer starts its operation after counting f(RING) 120 to 144 times.
C
POF instruction
execution
Operation state
• Operation source clock:
f(XIN)
• f(RING): Operating
B
POF instruction
execution
Operation state
• Operation source clock:
f(RING)
• f(XIN): Operating
f(RING): stop
f(XIN): stop
MR1
←1
MR1
←0
(Note 5)
(Note 4)
(Note 4)
(Note 4)
(Note 4)
MR0
←1
MR0
←0
RG0
←0
RG0
←1
Reset
(Note 1)
(Note 2)
(Note 3)
However, the selected contents (CMCK, CRCK, CYCK instruction execution state) of f(XIN) oscillation circuit is retained.
5: System returns to state A certainly when returning from the RAM back-up mode.
4: Continuous execution of the EPOF instruction and the POF instruction is required to go into the RAM back-up state.
3: Generate the wait time by software until the oscillation is stabilized, and then, switch the system clock.
MR1 cannot be cleared to “0” when the oscillation circuit is not selected.
Surely, select the f(XIN) oscillation circuit by executing the CMCK, CRCK or CYCK instruction before clearing MR1 to “0”.
The start/stop of oscillation and the operation source is switched by register MR.
instruction starts oscillatng (the start of oscillation and the operation source clock is not switched by these instructions).
2: The f(XIN) oscillation circuit (ceramic resonance, RC oscillation or quartz-crystal oscillation) selected by the CMCK, CRCK or CYCK
S
R
Q
Power down flag P
POF
instruction
Reset input
q Set source
q Clear source
Reset input
• • • •• • •
• • •• • •
EPOF
instruction +
POF instruction
EPOF instruction +
Program start
P = “1”
?
Yes
Warm start
Cold start
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com