Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4554 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 4554
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4554 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 4554 Datasheet HTML 87Page - Renesas Technology Corp 4554 Datasheet HTML 88Page - Renesas Technology Corp 4554 Datasheet HTML 89Page - Renesas Technology Corp 4554 Datasheet HTML 90Page - Renesas Technology Corp 4554 Datasheet HTML 91Page - Renesas Technology Corp 4554 Datasheet HTML 92Page - Renesas Technology Corp 4554 Datasheet HTML 93Page - Renesas Technology Corp 4554 Datasheet HTML 94Page - Renesas Technology Corp 4554 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.00
Aug 06, 2004
page 91 of 136
REJ03B0043-0300Z
4554 Group
SNZP (Skip if Non Zero condition of Power down flag)
0000000011
003
11
–
(P) = 1
Grouping:
Other operation
Description: Skips the next instruction when the P flag is
“1”.
After skipping, the P flag remains un-
changed.
Executes the next instruction when the P
flag is “0.”
Operation:
(P) = 1 ?
SNZI1 (Skip if Non Zero condition of external 1 Interrupt input pin)
0000111011
03B
11
–
I22 = 0 : (INT1) = “L”
I22 = 1 : (INT1) = “H”
Grouping:
Interrupt operation
Description: When I22 = 0 : Skips the next instruction
when the level of INT1 pin is “L.” Executes
the next instruction when the level of INT1
pin is “H.”
When I22 = 1 : Skips the next instruction
when the level of INT1 pin is “H.” Executes
the next instruction when the level of INT1
pin is “L.”
Operation:
I22 = 0 : (INT1) = “L” ?
I22 = 1 : (INT1) = “H” ?
(I22 : bit 2 of the interrupt control register I2)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SNZT1 (Skip if Non Zero condition of Timer 1 interrupt request flag)
1010000000
280
11
–
V12 = 0: (T1F) = 1
Grouping:
Timer operation
Description: When V12 = 0 : Skips the next instruction
when timer 1 interrupt request flag T1F is
“1.” After skipping, clears (0) to the T1F
flag. When the T1F flag is “0,” executes the
next instruction.
When V12 = 1 : This instruction is equiva-
lent to the NOP instruction.
Operation:
V12 = 0: (T1F) = 1 ?
After skipping, (T1F)
← 0
V12 = 1: SNZT1 = NOP
(V12 = bit 2 of interrupt control register V1)
SNZT2 (Skip if Non Zero condition of Timer 2 interrupt request flag)
1010000001
281
11
–
V13 = 0: (T2F) = 1
Grouping:
Timer operation
Description: When V13 = 0 : Skips the next instruction
when timer 2 interrupt request flag T2F is
“1.” After skipping, clears (0) to the T2F
flag. When the T2F flag is “0,” executes the
next instruction.
When V13 = 1 : This instruction is equiva-
lent to the NOP instruction.
Operation:
V13 = 0: (T2F) = 1 ?
After skipping, (T2F)
← 0
V13 = 1: SNZT2 = NOP
(V13 = bit 3 of interrupt control register V1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com