Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4556 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 45Page - Renesas Technology Corp 4556 Datasheet HTML 46Page - Renesas Technology Corp 4556 Datasheet HTML 47Page - Renesas Technology Corp 4556 Datasheet HTML 48Page - Renesas Technology Corp 4556 Datasheet HTML 49Page - Renesas Technology Corp 4556 Datasheet HTML 50Page - Renesas Technology Corp 4556 Datasheet HTML 51Page - Renesas Technology Corp 4556 Datasheet HTML 52Page - Renesas Technology Corp 4556 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 49 of 142
REJ03B0025-0302
4556 Group
Fig. 39 Structure of reset pin and its peripherals,, and power-on reset operation
Name
D0–D4
D5/INT
XCIN/D6, XCOUT/D7
P00/SEG21–P03/SEG24
P10/SEG25–P13/SEG28
P20/SEG17–P23/SEG20
SEG0/VLC3–SEG2/VLC1
SEG3–SEG10
COM0–COM3
C/CNTR
Notes 1: Output latch is set to “1.”
2: Output structure is N-channel open-drain.
3: Pull-up transistor is turned OFF.
Function
D0–D4
D5
XCIN, XCOUT
P00–P03
P10–P13
P20–P23
SEG0–SEG2
SEG3–SEG10
COM0–COM3
C
State
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2)
Sub-clock input
High-impedance (Notes 1, 2, 3)
High-impedance (Notes 1, 2, 3)
High-impedance (Notes 1, 2, 3)
VLC3 (VDD) level
VLC3 (VDD) level
VLC3 (VDD) level
“L” (VSS) level
(1) Power-on reset
Reset can be automatically performed at power on (power-on re-
set) by the built-in power-on reset circuit. When the built-in
power-on reset circuit is used, set the time for the supply voltage to
rise from 0 V to the minimum voltage of recommended operating
conditions to 100
µs or less.
If the rising time exceeds 100
µs, connect a capacitor between the
RESET pin and VSS at the shortest distance, and input “L” level to
RESET pin until the value of supply voltage reaches the minimum
operating voltage.
Table 13 Port state at reset
RESET pin
W
SRST instruction
Voltage drop detection circuit
(only for H version)
EF
(Note 1)
Pull-up transistor
(Note 1)
Power-on reset circuit
VDD (Note 3)
100
µs or less
(Note 2)
Internal reset signal
Power-on
Reset released
Internal reset signal
Reset
state
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
3: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Po
circuit output
wer-on reset
Watchdog reset signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com