Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6313 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2N6313
Description  POWER TRANSISTORS(5A,75W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6313 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2N6313 Datasheet HTML 1Page - Mospec Semiconductor 2N6313 Datasheet HTML 2Page - Mospec Semiconductor 2N6313 Datasheet HTML 3Page - Mospec Semiconductor 2N6313 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - 2N6313

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6313 BOCA-2N6313 Datasheet
196Kb / 4P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
logo
Central Semiconductor C...
2N6313 CENTRAL-2N6313 Datasheet
51Kb / 1P
Power Transistors
logo
Inchange Semiconductor ...
2N6313 ISC-2N6313 Datasheet
132Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2N6313 SAVANTIC-2N6313 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
logo
Seme LAB
2N6313 SEME-LAB-2N6313 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66
More results

Similar Description - 2N6313

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6298 MOSPEC-2N6298 Datasheet
177Kb / 4P
POWER TRANSISTORS(8A, 75W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
POWER TRANSISTORS(5A,80W)
2N6542 MOSPEC-2N6542 Datasheet
209Kb / 4P
POWER TRANSISTORS(5A,100W)
BU326 MOSPEC-BU326 Datasheet
123Kb / 3P
POWER TRANSISTORS(6A,375-400V,75W)
MJE13004 MOSPEC-MJE13004 Datasheet
180Kb / 4P
POWER TRANSISTORS(4A,300-400V,75W)
MJE2801T MOSPEC-MJE2801T Datasheet
119Kb / 2P
POWER TRANSISTORS(10A,60V,75W)
MJE2955T MOSPEC-MJE2955T Datasheet
123Kb / 3P
POWER TRANSISTORS(10A,60V,75W)
MJH16002 MOSPEC-MJH16002 Datasheet
189Kb / 4P
POWER TRANSISTORS(5A,450V,100W)
logo
Nell Semiconductor Co.,...
MJE3055A NELLSEMI-MJE3055A Datasheet
195Kb / 3P
Complementary Silicon power transistors (10A / 60V / 75W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com