Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37151MA Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37151MA
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37151MA Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37151MA Datasheet HTML 9Page - Renesas Technology Corp M37151MA Datasheet HTML 10Page - Renesas Technology Corp M37151MA Datasheet HTML 11Page - Renesas Technology Corp M37151MA Datasheet HTML 12Page - Renesas Technology Corp M37151MA Datasheet HTML 13Page - Renesas Technology Corp M37151MA Datasheet HTML 14Page - Renesas Technology Corp M37151MA Datasheet HTML 15Page - Renesas Technology Corp M37151MA Datasheet HTML 16Page - Renesas Technology Corp M37151MA Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
M37151M6/M8/MA/MC/MF-XXXFP, M37151EFFP
Rev.1.00
Nov 01, 2002
page 13 of 136
REJ03B0129-0100Z
Fig. 8.2.2 Memory Map of Special Function Register 1 (SFR1) (1)
b7b0 b7
b0
D016
D116
D216
D316
D416
D516
D616
D716
D816
D916
DA16
DB16
DC16
DD16
DE16
DF16
C016
C116
C216
C316
C416
C516
C616
C716
C816
C916
CB16
CC16
CD16
CE16
CF16
CA16
Port P5(P5)
Caption data register 3 (CD3)
Caption data register 4 (CD4)
OSD control register (OC)
Port P1(P1)
Port P1 direction register (D1)
Port P3(P3)
Port P3 direction register (D3)
Port P2(P2)
Port P2 direction register (D2)
Port P0(P0)
Port P0 direction register (D0)
Horizontal position register (HP)
Block control register 1(BC1)
Block control register 2(BC2)
Vertical position register 1(VP1)
Vertical position register 2(VP2)
Window register 1(WN1)
Interrupt input polarity control register (RE)
OSD port control register (PF)
Window register 2(WN2)
I/O polarity control register (PC)
Raster color register (RC)
Timer return set register (TMS)
Clock control register 1 (CC1)
OSD control register 2(OC2)
s SFR1 Area (addresses C016 to DF16)
Address Register
Bit allocation
State immediately after reset
: “0” immediately after reset
: Indeterminate immediately
after reset
0
1
?
<State immediately after reset>
: “1” immediately after reset
: Fix this bit to “0”
(do not write “1”)
:
<Bit allocation>
Function bit
: No function bit
: Fix this bit to “1”
(do not write “0”)
Name
:
1
0
0
0
11
0
0
00
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0016
0016
0016
0016
0016
0016
0016
?
?
?
?
4016
0016
?
?
?
0016
0016
?
?
0016
0016
0
0
0
0
0
0
?
?
0016
0016
?
0016
?
0
0
1
0
0
0
0
1
?
?
0
?
?
?
?
?
BSEL21 BSEL20
P31
P30
OUTS P31D P30D
T3SC
PF3
PF2
PF5
PF4
CC10
CDL27
CDL26
CDL25
CDL24
CDL23
CDL22
CDL21
CDL20
CDH27 CDH26 CDH25 CDH24 CDH23 CDH22 CDH21 CDH20
OC3 OC2
OC4
OC1 OC0
HP3 HP2
HP4
HP1 HP0
HP5
HP6
BC13 BC12
BC14
BC11 BC10
BC16
BC17
BC23 BC22
BC24
BC21 BC20
BC26
BC27
VP13
VP12
VP14
VP11
VP10
VP16
VP17
VP15
VP23
VP22
VP24
VP21
VP20
VP26
VP27
VP25
WN13 WN12
WN14
WN11 WN10
WN16
WN17
WN15
WN23 WN22
WN24
WN21 WN20
WN26
WN27
WN25
PC3 PC2 PC1 PC0
PC5
PC6
RC3 RC2 RC1 RC0
RC7
INT3 INT2 INT1
TMS
OC7
BC15
BC25
OC21 OC20
T2SC
?
?
?
0
?
0
0
0
0
0
0
0
0
0
?
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com