Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37221EASP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M37221EASP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221EASP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M37221EASP Datasheet HTML 5Page - Renesas Technology Corp M37221EASP Datasheet HTML 6Page - Renesas Technology Corp M37221EASP Datasheet HTML 7Page - Renesas Technology Corp M37221EASP Datasheet HTML 8Page - Renesas Technology Corp M37221EASP Datasheet HTML 9Page - Renesas Technology Corp M37221EASP Datasheet HTML 10Page - Renesas Technology Corp M37221EASP Datasheet HTML 11Page - Renesas Technology Corp M37221EASP Datasheet HTML 12Page - Renesas Technology Corp M37221EASP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 9 of 110
REJ03B0134-0100Z
Table 7.2 Pin Description (continued)
Output port P5
OSD output
HSYNC input
VSYNC input
DA output
P52/R,
P53/G,
P54/B,
P55/OUT1
HSYNC
VSYNC
D-A
Ports P52–P55 are a 4-bit output port. The output structure is CMOS output.
Pins P52–P55 are also used as OSD output pins R, G, B, OUT1 respectively. The output
structure is CMOS output.
This is a horizontal synchronizing signal input for OSD.
This is a vertical synchronizing signal input for OSD.
This is a 14-bit PWM output pin.
Output
Output
Input
Input
Output
Note 1 : Port Pi (i = 0 to 3) has a port Pi direction register that can be used to program each bit for input (“0”) or an output (“1”). The pins
programmed as “1” in the direction register are output pins. When pins are programmed as “0,” they are input pins. When pins are
programmed as output pins, the output data is written into the port latch and then output. When data is read from the output pins, the
data of the port latch, not the output pin level, is read. This allows a previously output value to be read correctly even if the output LOW
voltage has risen due to, for example, a directly-driven light emitting diode. The input pins are in the floating state, so the values of the
pins can be read. When data is written to the input pin, it is written only into the port latch, while the pin remains in the floating state.
2 : To swich output structures, set by the following bits.
P30 : bit 0 of port P3 output mode control register
P31 : bit 1 of port P3 output mode control register
When “0,” CMOS output; when “1,” N-channel open-drain output.
3: Only M37221EASP/FP have a built-in D-A converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com