Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1345 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC1345
Description  Silicon NPN Epitaxial
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1345 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC1345_01 Datasheet HTML 3Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 4Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 5Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 6Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 7Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 8Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 9Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 10Page - Renesas Technology Corp 2SC1345_01 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2SC1345 (K)
7
Collector to Emitter Voltage VCE (V)
10
8
6
4
2
0
130
310
Noise Figure vs. Collector to
Emitter Voltage
IC = 0.1 mA
Rg = 10 kΩ
f = 120 Hz
Collector to Emitter Voltage VCE (V)
10
8
6
4
2
0
130
310
Noise Figure vs. Collector to
Emitter Voltage
IC = 0.1 mA
Rg = 10 kΩ
f = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com