Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1345 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC1345
Description  Silicon NPN Epitaxial
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1345 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC1345 Datasheet HTML 2Page - Renesas Technology Corp 2SC1345 Datasheet HTML 3Page - Renesas Technology Corp 2SC1345 Datasheet HTML 4Page - Renesas Technology Corp 2SC1345 Datasheet HTML 5Page - Renesas Technology Corp 2SC1345 Datasheet HTML 6Page - Renesas Technology Corp 2SC1345 Datasheet HTML 7Page - Renesas Technology Corp 2SC1345 Datasheet HTML 8Page - Renesas Technology Corp 2SC1345 Datasheet HTML 9Page - Renesas Technology Corp 2SC1345 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2SC1345 (K)
4
0.01 0.02 0.05 0.1 0.2 0.5 1.0 2
5 10 20
50
Collector Current IC (mA)
400
300
200
500
DC Current Transfer Ratio vs.
Collector Current
100
VCE = 12 V
Ta
=
75
°C
50
25
0
–25
0.1
100
0.3
1.0
10
330
Collector Current IC (mA)
0.20
0.16
0.12
0.24
Collector to Emitter Saturation Voltage
vs. Collector Current
0.08
0.04
0
IC = 10 IB
–20
80
0
204060
Ambient Temperature Ta (
°C)
0.5
0.6
0.7
0.8
0.9
Base to Emitter Voltage vs.
Ambient Temperature
0.4
VCE = 12 V
IC = 2 mA
0.1
3
30
1.0
10
0.3
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
7
6
5
4
3
2
1
Input and Output Capacitance vs. Voltage
0
f = 1 MHz
Cib (IC = 0)
Cob (IE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com