Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1345K Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC1345K
Description  Silicon NPN Epitaxial
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1345K Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC1345K Datasheet HTML 3Page - Renesas Technology Corp 2SC1345K Datasheet HTML 4Page - Renesas Technology Corp 2SC1345K Datasheet HTML 5Page - Renesas Technology Corp 2SC1345K Datasheet HTML 6Page - Renesas Technology Corp 2SC1345K Datasheet HTML 7Page - Renesas Technology Corp 2SC1345K Datasheet HTML 8Page - Renesas Technology Corp 2SC1345K Datasheet HTML 9Page - Renesas Technology Corp 2SC1345K Datasheet HTML 10Page - Renesas Technology Corp 2SC1345K Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2SC1345 (K)
5
1
2
100
10
20
550
Collector Current I
C (mA)
200
100
300
Gain Bandwidth Product vs.
Collector Current
0
V
CE = 12 V
0.001
3.0
0.003
0.01
0.3
1.0
0.03
0.1
Collector Current IC (mA)
30
10
3
1.0
0.3
100
Contours of Constant Noise Figure
0.1
VCE = 6 V
f = 10 Hz
1 dB
2 dB
4 dB
6 dB
8 dB
10
dB
10
dB
6 dB
8 dB
4 dB
2 dB
2 dB
1 dB
8 dB
6 dB
10
dB
0.001
3.0
0.003
0.01
0.3
1.0
0.03
0.1
Collector Current IC (mA)
30
10
3
1.0
0.3
100
Contours of Constant Noise Figure
0.1
VCE = 6 V
f = 1 kHz
1 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com