Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2613 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC2613
Description  Silicon NPN Triple Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2613 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC2613 Datasheet HTML 1Page - Renesas Technology Corp 2SC2613 Datasheet HTML 2Page - Renesas Technology Corp 2SC2613 Datasheet HTML 3Page - Renesas Technology Corp 2SC2613 Datasheet HTML 4Page - Renesas Technology Corp 2SC2613 Datasheet HTML 5Page - Renesas Technology Corp 2SC2613 Datasheet HTML 6Page - Renesas Technology Corp 2SC2613 Datasheet HTML 7Page - Renesas Technology Corp 2SC2613 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC2613
3
20
40
60
80
100
Case temperature TC (°C)
0
50
100
150
Collector Current Derating Rate
IS/B
Limit
Area
0.01
0.03
0.1
0.3
1.0
3
10
Time t
0.01
0.1
1.0
10 (s)
0.01
0.1
1.0
10 (ms)
Transient Thermal Resistance
10 ms–10
s
10
µs–10
ms
TC = 25°C
0
2
4
6
8
10
Collector to emitter Voltage VCE (V)
0
100
200
300
400
500
325 V, 10 A
400 V, 5 A
450 V, 1.0 A
Reverse Bias Area of Safe Operation
IB2 = –1.0 A
300
400
500
600
Base to emitter resistance RBE (Ω)
100
1 k
10 k
100 k
1 M
Collector to Emitter Voltage
vs. Base to Emitter Resistance
IC = 1 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com